Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970AVCW Fiches technique(PDF) 99 Page - Advanced Micro Devices

No de pièce AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Fiches technique(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 95Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 98Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 99Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 219 page
background image
P R E L I M I N A R Y
AMD
99
Am79C970A
NAND Tree Testing
The PCnet-PCI II controller provides a NAND tree test
mode to allow checking connectivity to the device on a
printed circuit board. The NAND tree is built on all PCI
bus signals.
NAND tree testing is enabled by asserting
RST. All PCI
bus signals will become inputs on the assertion of
RST.
The result of the NAND tree test can be observed on the
NOUT pin.
19436A-45
PCnet-PCI II
Core
RST (pin 120)
INTA (pin 117)
VDD
CLK (pin 121)
AD0 (pin 57)
NOUT
(pin 62)
B
A
S
MUX
O
VDD
Figure 42. NAND Tree Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More