Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970AVCW Fiches technique(PDF) 194 Page - Advanced Micro Devices

No de pièce AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Fiches technique(HTML) 194 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 190Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 191Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 192Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 193Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 194Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 195Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 196Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 197Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 198Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 219 page
background image
AMD
P R E L I M I N A R Y
194
Am79C970A
SWITCHING WAVEFORMS: GPSI
Transmit
Clock
(STDCLK)
Transmit
Data
(TXDAT)
Transmit
Enable
(TXEN)
Carrier
Present
(RXCRS)
(Note 1)
Collision
(CLSN)
(Note 2)
(First Bit Preamble)
tGPT1
tGPT2
tGPT3
tGPT3
tGPT3
tGPT7
tGPT8
tGPT9
tGPT6
tGPT5
(Last Bit)
Notes:
1. If RXCRS is not present during transmission, LCAR bit in TMD2 will be set.
2. If CLSN is not present during or shortly after transmission, CERR in CSR0 will be set.
tGPT4
19436A-73
Transmit Timing
Receive
Clock
(SRDCLK)
(First Bit Preamble)
(Address Type Designation Bit) (Last Bit)
tGPR1
tGPR2
tGPR3
tGPR4
tGPR5
tGPR5
tGPR6
tGPR7
tGPR8
tGPR9
tGPR10
tGPR11
tGPR12
(No Collision)
Receive
Data
(RXDAT)
Carrier
Present
(RXCRS)
Collision
(CLSN),
Active
Collision
(CLSN),
Inactive
tGPR4
19436A-74
Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More