Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF96KCW Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM53CF96KCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96KCW Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM53CF96KCW Datasheet HTML 7Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 8Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 9Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 10Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 11Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 12Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 13Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 14Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
P R E L I M I N A R Y
AMD
11
Am53CF94/Am53CF96
TSEL
Vcc
Differential Transceiver Connections for the Differential SCSI Bus Configuration
Using 75ALS170 and 75ALS171 Transceivers
Vcc
SELC
GND
SEL
+ SEL
– SEL
BSYC
GND
BSY
+ BSY
– BSY
RSTC
GND
RST
+ RST
– RST
GND
75ALS171
SDC 6
SD 6
– SD 6
+ SD 6
SDC 7
SD 7
– SD 7
+ SD 7
SDC P
SD P
– SD P
+ SD P
75ALS170
SDC 3
SD 3
– SD 3
+ SD 3
SDC 4
SD 4
– SD 4
+ SD 4
SDC 5
SD 5
– SD 5
+ SD 5
75ALS170
SDC 0
SD 0
– SD 0
+ SD 0
SDC 1
SD 1
– SD 1
+ SD 1
SDC 2
SD 2
– SD 2
+ SD 2
75ALS170
ATN
ISEL
– ATN
+ ATN
75ALS170
– MSG
+ MSG
– C/D
TSEL
MSG
TSEL
C/D
+ C/D
TSEL
I/O
– I/O
+ I/O
75ALS170
REQC
ACKC
REQ
+ REQ
– REQ
ISEL
ACK
+ ACK
– ACK
75ALS171
GND
17348B-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76