Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF96KCW Fiches technique(PDF) 43 Page - Advanced Micro Devices

No de pièce AM53CF96KCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96KCW Fiches technique(HTML) 43 Page - Advanced Micro Devices

Back Button AM53CF96KCW Datasheet HTML 39Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 40Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 41Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 42Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 43Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 44Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 45Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 46Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
P R E L I M I N A R Y
AMD
43
Am53CF94/Am53CF96
into the FIFO before issuing this command. This com-
mand will be terminated early in the following
situations:
s The SCSI Timeout Register times out
s The Target does not go to the Message Out Phase
following the Selection Phase
s The Target removes Command Phase early
s The Target does not go to the Command Phase
following the Message Out Phase
s The Target exits the Command Out Phase early
A Successful Operation/Service Request interrupt is
generated when this command is executed success-
fully.
Reselect with ATN3 Steps Command
(Command Code 47H/C7H)
The Queue Tag feature of the Select with
ATN3 com-
mand has been implemented in the Reselection com-
mand. Therefore, a Target reselecting an Initiator can
use the QTAG feature of
ATN3. Following Reselection,
one message byte and 2 bytes QTAG will be sent. The
three message bytes must be loaded into the FIFO be-
fore this command is issued if DMA is not enabled.
General Commands
No Operation Command
(Command Code 00H/80H)
The No Operation Command administers no operation,
therefore an interrupt is not generated upon completion.
This command is issued following the Reset Device
Command to clear the Command Register (CMDREG).
A No Operation Command in the DMA mode may be
used to verify the contents of the Start Transfer Count
Register (STCREG). After the STCREG is loaded with
the transfer count and a DMA No Operation Command
is issued, reading the Current Transfer Count Register
(CTCREG) will give the transfer count value.
Clear FIFO Command
(Command Code 01H/81H)
The Clear FIFO Command is used to initialize the FIFO
to the empty condition. The Current FIFO Register
(CFISREG) reflects the empty FIFO status and the bot-
tom of the FIFO is set to zero. No interrupt is generated
at the end of this command.
Reset Device Command
(Command Code 02H/82H)
The Reset Device Command immediately stops any de-
vice operation and resets all the functions of the device.
It returns the device to the disconnected state and it also
generates a hard reset. The Reset Device Command re-
mains on the top of the Command Register FIFO hold-
ing the device in the reset state until the No Operation
Command is loaded. The No Operation command
serves to enable the Command Register.
Reset SCSI Bus Command
(Command Code 03H/83H)
The Reset SCSI Bus Command forces the
RSTC signal
active for a period of 25
µs, and drives the chip to the
Disconnected state. An interrupt is not generated upon
command completion, however, if bit 6 is not disabled in
Control Register One (CNTLREG1), a SCSI reset inter-
rupt will be issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76