| Moteur de recherche de fiches techniques de composants électroniques |
|
AM7969 Fiches technique(PDF) 122 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7969 Fiches technique(HTML) 122 Page - Advanced Micro Devices |
|
122 / 127 page ![]() AMD 118 TAXIchip Integrated Circuits Technical Manual Figure 17 AUTORUN ACK 0 (No Sync Between Data Bytes) 12330E-54 D7 D6 D5 D4 D3 D2 D1 D0 STRB TXCLK DSTRB CSTRB Figure 18 AUTORUN ACK 1 (One Sync Between Every Four Data Bytes) TXCLK 12330E-55 D7 D6 D5 D4 D3 D2 D1 D0 STRB DSTRB CSTRB |