Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7969 Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 2Page - Advanced Micro Devices AM7969 Datasheet HTML 3Page - Advanced Micro Devices AM7969 Datasheet HTML 4Page - Advanced Micro Devices AM7969 Datasheet HTML 5Page - Advanced Micro Devices AM7969 Datasheet HTML 6Page - Advanced Micro Devices AM7969 Datasheet HTML 7Page - Advanced Micro Devices AM7969 Datasheet HTML 8Page - Advanced Micro Devices AM7969 Datasheet HTML 9Page - Advanced Micro Devices AM7969 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
AMD
2
Am7968/Am7969
BLOCK DIAGRAM (continued)
Am7969
Note:
N can be 8, 9, or 10 bits Total of N + M = 12
Output Latch
Data Decoder
Decoder Latch
Shifter
(X1)
(X2)
Oscillator
and
Clock Gen.
Media
Interface
PLL Clock
Generator
Byte Sync
Logic
NM
Data Command
(VLTN)
Violation
(DMS) Data Mode Select
(CNB) Catch Next Byte
(IGM) I-Got-Mine
(CLK) Clock
(DSTRB) Data Strobe
(CSTRB) Command Strobe
Serial In+ (SERIN+)
Serial In– (SERIN–)
07370F-2
CONNECTION DIAGRAMS
Top View
Am7968
1
2
3
4
28 27 26
25
5
24
23
22
21
20
19
18
17
16
15
6
7
8
9
10
11
12 13 14
VCC2 (ECL)
VCC1 (TTL)
VCC3 (TTL)
RESET
DMS
TLS
TSERIN
DI2
DI1
DI0
GND1 (TTL)
X1
X2
GND2 (CML)
16
15
28
27
26
25
24
23
22
21
20
19
18
17
13
14
1
2
3
4
5
6
7
8
9
10
11
12
DIPs
LCC/PLCC
Note:
Pin 1 is marked for orientation.
07370F-3
CI1
DI9/CI2
ACK
STRB
SEROUT+
SEROUT–
VCC2 (ECL)
VCC1 (TTL)
VCC3 (CML)
RESET
DMS
TLS
TSERIN
CI0
DI7
DI8/CI3
DI5
DI4
DI3
DI2
DI1
DI0
GND1 (TTL)
GND2 (CML)
X1
X2
CLK
DI6
07370F-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More