Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7969 Fiches technique(PDF) 55 Page - Advanced Micro Devices

No de pièce AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Fiches technique(HTML) 55 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 51Page - Advanced Micro Devices AM7969 Datasheet HTML 52Page - Advanced Micro Devices AM7969 Datasheet HTML 53Page - Advanced Micro Devices AM7969 Datasheet HTML 54Page - Advanced Micro Devices AM7969 Datasheet HTML 55Page - Advanced Micro Devices AM7969 Datasheet HTML 56Page - Advanced Micro Devices AM7969 Datasheet HTML 57Page - Advanced Micro Devices AM7969 Datasheet HTML 58Page - Advanced Micro Devices AM7969 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 127 page
background image
AMD
51
TAXIchip Integrated Circuits Technical Manual
Figure 1-1
Am7968 TAXI Transmitter Block Diagram
Note: N can be 8, 9, or 10 bits. Total of N + M = 12.
12330E-1
Strobe (STRB)
Acknowledge (ACK
Clock (CLK)
Data Mode
Select (DMS)
Test Serial In
(TSERIN)
Test/Local Select (TLS)
Strobe &
Acknowledge
Oscillator
and
Clock Gen.
Serial Interface
Shifter
Data Encoder
Encoder Latch
Input Latch
Media
Interface
(SEROUT+)
Serial Out +
(SEROUT–)
Serial Out –
Data
Command
NM
X1
X2
Figure 1-2
Am7969 TAXI Receiver Block Diagram
Note: N can be 8, 9, or 10 bits. Total of N + M = 12.
Output Latch
Data Decoder
Decoder
Latch
Shifter
(X1)
(X2)
Oscillator
and
Clock Gen.
Media
Interface
PLL Clock
Generator
Byte Sync
Logic
NM
Data Command
(VLTN)
Violation
(SERIN+) Serial In +
(SERIN–) Serial In –
(DMS) Data Mode Select
(CNB) Catch Next Byte
(IGM) I-Got-Mine
(CLK) Clock
(DSTRB) Data Strobe
(CSTRB) Command Strobe
12330E-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More