Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7968 Fiches technique(PDF) 97 Page - Advanced Micro Devices

No de pièce AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Fiches technique(HTML) 97 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 93Page - Advanced Micro Devices AM7968 Datasheet HTML 94Page - Advanced Micro Devices AM7968 Datasheet HTML 95Page - Advanced Micro Devices AM7968 Datasheet HTML 96Page - Advanced Micro Devices AM7968 Datasheet HTML 97Page - Advanced Micro Devices AM7968 Datasheet HTML 98Page - Advanced Micro Devices AM7968 Datasheet HTML 99Page - Advanced Micro Devices AM7968 Datasheet HTML 100Page - Advanced Micro Devices AM7968 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
AMD
93
TAXIchip Integrated Circuit Technical Manual
Figure B-2
60
50
40
30
20
10
0
Percent of
Error
Events
8 Bit
9 Bit
10 Bit
Violation
1-Bit Error
2-Bit Error
3-Bit Error
4-Bit Error
12330E-38
Figure B-3
50
40
30
20
10
0
Percent of
Undetected
Error Events
1 Bit
2 Bit
3 Bit
4 Bit
5 Bit
12330E-39
6 Bit
Unlimited
Run Length of Error in Corrupted Data
8 Bit
9 Bit
10 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More