| Moteur de recherche de fiches techniques de composants électroniques |
|
AM7968 Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7968 Fiches technique(HTML) 6 Page - Advanced Micro Devices |
|
6 / 127 page ![]() AMD 2 Am7968/Am7969 BLOCK DIAGRAM (continued) Am7969 Note: N can be 8, 9, or 10 bits Total of N + M = 12 Output Latch Data Decoder Decoder Latch Shifter (X1) (X2) Oscillator and Clock Gen. Media Interface PLL Clock Generator Byte Sync Logic NM Data Command (VLTN) Violation (DMS) Data Mode Select (CNB) Catch Next Byte (IGM) I-Got-Mine (CLK) Clock (DSTRB) Data Strobe (CSTRB) Command Strobe Serial In+ (SERIN+) Serial In– (SERIN–) 07370F-2 CONNECTION DIAGRAMS Top View Am7968 1 2 3 4 28 27 26 25 5 24 23 22 21 20 19 18 17 16 15 6 7 8 9 10 11 12 13 14 VCC2 (ECL) VCC1 (TTL) VCC3 (TTL) RESET DMS TLS TSERIN DI2 DI1 DI0 GND1 (TTL) X1 X2 GND2 (CML) 16 15 28 27 26 25 24 23 22 21 20 19 18 17 13 14 1 2 3 4 5 6 7 8 9 10 11 12 DIPs LCC/PLCC Note: Pin 1 is marked for orientation. 07370F-3 CI1 DI9/CI2 ACK STRB SEROUT+ SEROUT– VCC2 (ECL) VCC1 (TTL) VCC3 (CML) RESET DMS TLS TSERIN CI0 DI7 DI8/CI3 DI5 DI4 DI3 DI2 DI1 DI0 GND1 (TTL) GND2 (CML) X1 X2 CLK DI6 07370F-4 |