Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF96 Fiches technique(PDF) 19 Page - Advanced Micro Devices

No de pièce AM53CF96
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96 Fiches technique(HTML) 19 Page - Advanced Micro Devices

Back Button AM53CF96 Datasheet HTML 15Page - Advanced Micro Devices AM53CF96 Datasheet HTML 16Page - Advanced Micro Devices AM53CF96 Datasheet HTML 17Page - Advanced Micro Devices AM53CF96 Datasheet HTML 18Page - Advanced Micro Devices AM53CF96 Datasheet HTML 19Page - Advanced Micro Devices AM53CF96 Datasheet HTML 20Page - Advanced Micro Devices AM53CF96 Datasheet HTML 21Page - Advanced Micro Devices AM53CF96 Datasheet HTML 22Page - Advanced Micro Devices AM53CF96 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
P R E L I M I N A R Y
AMD
19
Am53CF94/Am53CF96
Initiator Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
0
010000
Information Transfer
0
0100
0
1
Initiator Command Complete Steps
0
010010
Message Accepted
0
011000
Transfer Pad Bytes
0
011010
*Set
ATN
0
011011
*Reset
ATN
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
0
100000
Send Message
0
100001
Send Status
0
100010
Send Data
0
100011
Disconnect Steps
0
100100
Terminate Steps
0
100101
Target Command Complete Steps
0
100111
*Disconnect
0
101000
Receive Message Steps
0
101001
Receive Command
0
101010
Receive Data
0
101011
Receive Command Steps
0
000100
*DMA Stop
0
000101
Access FIFO Command
Idle Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
1
000000
Reselect Steps
1
0000
0
1
Select without
ATN Steps
1
000010
Select with
ATN Steps
1
000011
Select with
ATN and Stop Steps
1
000100
*Enable Selection/Reselection
1
000101
Disable Selection/Reselection
1
000110
Select with
ATN3 Steps
1
000111
Reselect with
ATN3 Steps
General Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
0
000000
*No Operation
0
0000
0
1
*Clear FIFO
0
000010
*Reset Device
0
000011
Reset SCSI Bus
Target Commands
Note:
*Denotes commands which do not generate interrupts upon completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76