Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF96 Fiches technique(PDF) 73 Page - Advanced Micro Devices

No de pièce AM53CF96
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96 Fiches technique(HTML) 73 Page - Advanced Micro Devices

Back Button AM53CF96 Datasheet HTML 68Page - Advanced Micro Devices AM53CF96 Datasheet HTML 69Page - Advanced Micro Devices AM53CF96 Datasheet HTML 70Page - Advanced Micro Devices AM53CF96 Datasheet HTML 71Page - Advanced Micro Devices AM53CF96 Datasheet HTML 72Page - Advanced Micro Devices AM53CF96 Datasheet HTML 73Page - Advanced Micro Devices AM53CF96 Datasheet HTML 74Page - Advanced Micro Devices AM53CF96 Datasheet HTML 75Page - Advanced Micro Devices AM53CF96 Datasheet HTML 76Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
P R E L I M I N A R Y
AMD
73
Am53CF94/Am53CF96
PHYSICAL DIMENSIONS*
PL 084
Plastic Leaded Chip Carrier (measured in inches)
.050
REF
.042
.048
1.150
1.156
1.185
1.195
1.150
1.156
1.185
1.195
.042
.056
.165
.180
.090
.130
.007
.013
1.000
REF
.013
.021
1.090
1.130
.020
MIN
.025
.045
09980B
CG08 PL 084
8/14/92 c dc
R
TOP VIEW
SIDE VIEW
.026
.032
* For reference only. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76