Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F080B-120SCB Fiches technique(PDF) 36 Page - Advanced Micro Devices

No de pièce AM29F080B-120SCB
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-120SCB Fiches technique(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F080B-120SCB Datasheet HTML 29Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 30Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 31Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 32Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 33Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 34Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 35Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 36Page - Advanced Micro Devices AM29F080B-120SCB Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
36
Am29F080B
P R E L I M I NARY
PHYSICAL DIMENSIONS
TSR040—40-Pin Reverse Thin Small Outline Package
18.30
18.50
19.80
20.20
40
20
Pin 1 I.D.
21
1
0.50 BSC
9.90
10.10
0.95
1.05
0.05
0.15
1.20
MAX
0.50
0.70
0
°
5
°
16-038-TSOP-1_AE
TSR040
2-27-97 lv
0.10
0.21
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37