| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F080B-120SCB Fiches technique(PDF) 30 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-120SCB Fiches technique(HTML) 30 Page - Advanced Micro Devices |
|
30 / 37 page ![]() 30 Am29F080B P R E L I M I NARY AC CHARACTERISTICS Temporary Sector Unprotect Note: Not 100% tested. Parameter All Speed Options JEDEC Std. Description Unit tVIDR VID Rise and Fall Time (See Note) Min 500 ns tRSP RESET# Setup Time for Temporary Sector Unprotect Min 4 µs Note: The system may use OE# or CE# to toggle DQ2 and DQ6. DQ2 must be read at an address within the erase-suspended sector. 21503C-20 Figure 15. DQ2 vs. DQ6 Enter Erase Erase Erase Enter Erase Suspend Program Erase Suspend Read Erase Suspend Read Erase WE# DQ6 DQ2 Erase Complete Erase Suspend Suspend Program Resume Embedded Erasing RESET# tVIDR 12 V 0 or 5 V CE# WE# RY/BY# tVIDR tRSP Program or Erase Command Sequence 0 or 5 V 21503C-21 Figure 16. Temporary Sector Group Unprotect Timing Diagram |