Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV160D Fiches technique(PDF) 45 Page - Advanced Micro Devices

No de pièce AM29LV160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160D Fiches technique(HTML) 45 Page - Advanced Micro Devices

Back Button AM29LV160D Datasheet HTML 41Page - Advanced Micro Devices AM29LV160D Datasheet HTML 42Page - Advanced Micro Devices AM29LV160D Datasheet HTML 43Page - Advanced Micro Devices AM29LV160D Datasheet HTML 44Page - Advanced Micro Devices AM29LV160D Datasheet HTML 45Page - Advanced Micro Devices AM29LV160D Datasheet HTML 46Page - Advanced Micro Devices AM29LV160D Datasheet HTML 47Page - Advanced Micro Devices AM29LV160D Datasheet HTML 48Page - Advanced Micro Devices AM29LV160D Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Am29LV160D
45
PHYSICAL DIMENSIONS*
TS 048—48-Pin Standard TSOP
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Dwg rev AA; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49