Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV160D Fiches technique(PDF) 23 Page - Advanced Micro Devices

No de pièce AM29LV160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160D Fiches technique(HTML) 23 Page - Advanced Micro Devices

Back Button AM29LV160D Datasheet HTML 19Page - Advanced Micro Devices AM29LV160D Datasheet HTML 20Page - Advanced Micro Devices AM29LV160D Datasheet HTML 21Page - Advanced Micro Devices AM29LV160D Datasheet HTML 22Page - Advanced Micro Devices AM29LV160D Datasheet HTML 23Page - Advanced Micro Devices AM29LV160D Datasheet HTML 24Page - Advanced Micro Devices AM29LV160D Datasheet HTML 25Page - Advanced Micro Devices AM29LV160D Datasheet HTML 26Page - Advanced Micro Devices AM29LV160D Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Am29LV160D
23
valid operation. See “Autoselect Command Sequence”
for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the de-
vice has resumed erasing.
Notes:
1. See Table 9 for erase command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49