Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 180 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 180 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 176Page - Microsemi Corporation AX2000 Datasheet HTML 177Page - Microsemi Corporation AX2000 Datasheet HTML 178Page - Microsemi Corporation AX2000 Datasheet HTML 179Page - Microsemi Corporation AX2000 Datasheet HTML 180Page - Microsemi Corporation AX2000 Datasheet HTML 181Page - Microsemi Corporation AX2000 Datasheet HTML 182Page - Microsemi Corporation AX2000 Datasheet HTML 183Page - Microsemi Corporation AX2000 Datasheet HTML 184Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 262 page
background image
Package Pin Assignments
3- 54
R e v i sio n 1 8
IO51PB1F4
E21
IO52NB1F4
F22
IO52PB1F4
E22
IO53NB1F4
B25
IO53PB1F4
B24
IO54NB1F5
D24
IO54PB1F5
D23
IO55NB1F5
F23
IO55PB1F5
E23
IO56NB1F5
H21
IO56PB1F5
G21
IO57NB1F5
D25
IO57PB1F5
C25
IO58NB1F5
F24
IO58PB1F5
E24
IO59NB1F5
D26
IO59PB1F5
C26
IO60NB1F5
G23
IO60PB1F5
G22
IO61NB1F5
B27
IO61PB1F5
A27
IO62NB1F5
F25
IO62PB1F5
E25
IO63NB1F5
H23
IO63PB1F5
H22
Bank 2
IO64NB2F6
K23
IO64PB2F6
J23
IO65NB2F6
J24
IO65PB2F6
H24
IO66NB2F6
H26
IO66PB2F6
H25
IO67NB2F6
G26
IO67PB2F6
G25
IO68NB2F6
K25
FG896
AX1000 Function
Pin
Number
IO68PB2F6
K24
IO69NB2F6
F27
IO69PB2F6
E27
IO70NB2F6
J26
IO70PB2F6
J25
IO71NB2F6
H27
IO71PB2F6
G27
IO72NB2F6
J28
IO72PB2F6
H28
IO73NB2F6
G28
IO73PB2F6
F28
IO74NB2F7
L23
IO74PB2F7
L24
IO75NB2F7
L26
IO75PB2F7
K26
IO76NB2F7
M25
IO76PB2F7
L25
IO77NB2F7
K27
IO77PB2F7
J27
IO78NB2F7
M27
IO78PB2F7
L27
IO79NB2F7
K30
IO79PB2F7
K29
IO80NB2F7
M23
IO80PB2F7
M24
IO81NB2F7
M28
IO81PB2F7
L28
IO82NB2F7
N26
IO82PB2F7
M26
IO83NB2F7
N25
IO83PB2F7
N24
IO84NB2F7
N22
IO84PB2F7
N23
IO85NB2F8
M29
IO85PB2F8
L29
FG896
AX1000 Function
Pin
Number
IO86NB2F8
N28
IO86PB2F8
N27
IO87NB2F8
P29
IO87PB2F8
P30
IO88NB2F8
P25
IO88PB2F8
P24
IO89NB2F8
P28
IO89PB2F8
P27
IO90NB2F8
P22
IO90PB2F8
P23
IO91NB2F8
R26
IO91PB2F8
P26
IO92NB2F8
R24
IO92PB2F8
R25
IO93NB2F8
R29
IO93PB2F8
R30
IO94NB2F8
R22
IO94PB2F8
R23
IO95NB2F8
T27
IO95PB2F8
R27
Bank 3
IO96NB3F9
T29
IO96PB3F9
T30
IO97NB3F9
U29
IO97PB3F9
U30
IO98NB3F9
T22
IO98PB3F9
T23
IO99NB3F9
U26
IO99PB3F9
T26
IO100NB3F9
U24
IO100PB3F9
T24
IO101NB3F9
V28
IO101PB3F9
U28
IO102NB3F9
U23
IO102PB3F9
U22
FG896
AX1000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More