Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 145 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 145 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 141Page - Microsemi Corporation AX2000 Datasheet HTML 142Page - Microsemi Corporation AX2000 Datasheet HTML 143Page - Microsemi Corporation AX2000 Datasheet HTML 144Page - Microsemi Corporation AX2000 Datasheet HTML 145Page - Microsemi Corporation AX2000 Datasheet HTML 146Page - Microsemi Corporation AX2000 Datasheet HTML 147Page - Microsemi Corporation AX2000 Datasheet HTML 148Page - Microsemi Corporation AX2000 Datasheet HTML 149Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 19
GND
R4
GND
T16
GND
T3
GND
U17
GND
U2
GND
V1
GND
V18
GND/LP
E5
NC
A10
NC
A11
NC
A12
NC
A13
NC
A8
NC
A9
NC
B12
NC
F15
NC
F4
NC
G15
NC
G4
NC
H14
NC
H15
NC
H5
NC
J1
NC
J14
NC
J15
NC
J5
NC
K14
NC
K15
NC
K5
NC
L14
NC
L15
NC
L5
NC
M4
NC
M5
NC
N17
FG324
AX125 Function
Pin
Number
NC
N4
NC
N5
NC
R12
NC
R13
NC
R6
NC
R7
NC
T12
NC
T6
NC
U16
NC
V17
PRA
E9
PRB
D9
PRC
P10
PRD
R10
TCK
E6
TDI
D7
TDO
D5
TMS
D4
TRST
D6
VCCA
E15
VCCA
G10
VCCA
G11
VCCA
G5
VCCA
G8
VCCA
G9
VCCA
H12
VCCA
H7
VCCA
J12
VCCA
J7
VCCA
K12
VCCA
K7
VCCA
L12
VCCA
L7
VCCA
M10
VCCA
M11
FG324
AX125 Function
Pin
Number
VCCA
M8
VCCA
M9
VCCA
P4
VCCA
R15
VCCPLA
D8
VCCPLB
E7
VCCPLC
B11
VCCPLD
E11
VCCPLE
R11
VCCPLF
P12
VCCPLG
U8
VCCPLH
P8
VCCDA
B3
VCCDA
D14
VCCDA
E10
VCCDA
J2
VCCDA
K16
VCCDA
P15
VCCDA
P9
VCCDA
R5
VCCIB0
F7
VCCIB0
F8
VCCIB0
F9
VCCIB1
F10
VCCIB1
F11
VCCIB1
F12
VCCIB2
G13
VCCIB2
H13
VCCIB2
J13
VCCIB3
K13
VCCIB3
L13
VCCIB3
M13
VCCIB4
N10
VCCIB4
N11
VCCIB4
N12
FG324
AX125 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More