Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 139 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 139 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 135Page - Microsemi Corporation AX2000 Datasheet HTML 136Page - Microsemi Corporation AX2000 Datasheet HTML 137Page - Microsemi Corporation AX2000 Datasheet HTML 138Page - Microsemi Corporation AX2000 Datasheet HTML 139Page - Microsemi Corporation AX2000 Datasheet HTML 140Page - Microsemi Corporation AX2000 Datasheet HTML 141Page - Microsemi Corporation AX2000 Datasheet HTML 142Page - Microsemi Corporation AX2000 Datasheet HTML 143Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 13
FG256
AX250 Function
Pin
Number
Bank 0
IO01NB0F0
B4
IO01PB0F0
B3
IO03NB0F0
A4
IO03PB0F0
A3
IO05NB0F0
B6
IO05PB0F0
B5
IO07NB0F0
A6
IO07PB0F0
A5
IO12NB0F0/HCLKAN
B8
IO12PB0F0/HCLKAP
B7
IO13NB0F0/HCLKBN
A9
IO13PB0F0/HCLKBP
A8
Bank 1
IO14NB1F1/HCLKCN
C10
IO14PB1F1/HCLKCP
C9
IO15NB1F1/HCLKDN
B11
IO15PB1F1/HCLKDP
B10
IO17NB1F1
A13
IO17PB1F1
A12
IO19NB1F1
B13
IO19PB1F1
B12
IO21NB1F1
C12
IO21PB1F1
C11
IO23NB1F1
A15
IO23PB1F1
B14
IO26NB1F1
C15
IO26PB1F1
C14
IO27NB1F1
D13
IO27PB1F1
D12
Bank 2
IO29NB2F2
F13
IO29PB2F2
E13
IO30NB2F2
F14
IO30PB2F2
E14
IO32NB2F2
C16
IO32PB2F2
B16
IO33NB2F2
F15
IO33PB2F2
E15
IO35NB2F2
H13
IO35PB2F2
G13
IO36NB2F2
E16
IO36PB2F2
D16
IO38NB2F2
H15
IO38PB2F2
G15
IO39NB2F2
H14
IO39PB2F2
G14
IO40NB2F2
G16
IO40PB2F2
F16
IO43NB2F2
K15
IO43PB2F2
K16
IO44NB2F2
J16
IO44PB2F2
H16
Bank 3
IO45NB3F3
K13
IO45PB3F3
J13
IO46NB3F3
K14
IO46PB3F3
J14
IO52NB3F3
L15
IO52PB3F3
L16
IO54NB3F3
P16
IO54PB3F3
N16
IO55PB3F3
M16
IO56NB3F3
P15
IO56PB3F3
R16
IO58NB3F3
N15
IO58PB3F3
M15
IO59NB3F3
M13
IO59PB3F3
L13
IO61NB3F3
M14
FG256
AX250 Function
Pin
Number
IO61PB3F3
L14
Bank 4
IO62NB4F4
N12
IO62PB4F4
N13
IO63NB4F4
T14
IO63PB4F4
R14
IO66PB4F4
T15
IO67NB4F4
R12
IO67PB4F4
R13
IO69NB4F4
P11
IO69PB4F4
P12
IO70PB4F4
T11
IO73NB4F4
T12
IO73PB4F4
T13
IO74NB4F4/CLKEN
R9
IO74PB4F4/CLKEP
R10
IO75NB4F4/CLKFN
T8
IO75PB4F4/CLKFP
T9
Bank 5
IO76NB5F5/CLKGN
P7
IO76PB5F5/CLKGP
P8
IO77NB5F5/CLKHN
R6
IO77PB5F5/CLKHP
R7
IO79NB5F5
T5
IO79PB5F5
T6
IO81NB5F5
P5
IO81PB5F5
P6
IO83NB5F5
T3
IO83PB5F5
T4
IO85NB5F5
R3
IO85PB5F5
R4
IO88NB5F5
R1
IO88PB5F5
T2
IO89NB5F5
N4
IO89PB5F5
N5
FG256
AX250 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More