| Moteur de recherche de fiches techniques de composants électroniques |
|
AX500 Fiches technique(PDF) 137 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX500 Fiches technique(HTML) 137 Page - Microsemi Corporation |
|
137 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3 - 11 Bank 6 IO60NB6F6 L4 IO60PB6F6 M4 IO61NB6F6 L3 IO61PB6F6 M3 IO63NB6F6 P2 IO63PB6F6 N2 IO64NB6F6 J4 IO64PB6F6 K4 IO65NB6F6 N1 IO65PB6F6 P1 IO67NB6F6 L2 IO67PB6F6 M2 IO69NB6F6 L1 IO69PB6F6 M1 IO70NB6F6 J3 IO70PB6F6 K3 IO71NB6F6 J2 IO71PB6F6 K2 Bank 7 IO72NB7F7 J1 IO72PB7F7 K1 IO73NB7F7 G2 IO73PB7F7 H2 IO74NB7F7 G3 IO74PB7F7 H3 IO75NB7F7 E1 IO75PB7F7 F1 IO76NB7F7 G1 IO77NB7F7 E2 IO77PB7F7 F2 IO78NB7F7 G4 IO78PB7F7 H4 IO79NB7F7 C1 IO79PB7F7 D1 FG256-Pin FBGA AX125 Function Pin Number IO81NB7F7 C2 IO81PB7F7 B1 IO82NB7F7 D2 IO82PB7F7 D3 IO83NB7F7 E3 IO83PB7F7 F3 Dedicated I/O VCCDA E4 GND A1 GND A16 GND B15 GND B2 GND D15 GND E12 GND E5 GND F11 GND F6 GND G10 GND G7 GND G8 GND G9 GND H10 GND H7 GND H8 GND H9 GND J10 GND J7 GND J8 GND J9 GND K10 GND K7 GND K8 GND K9 GND L11 GND L6 FG256-Pin FBGA AX125 Function Pin Number GND M12 GND M5 GND P13 GND P3 GND R15 GND R2 GND T1 GND T16 GND/LP D4 NC A11 NC R11 NC R5 PRA D8 PRB C8 PRC N9 PRD P9 TCK D5 TDI C6 TDO C4 TMS C3 TRST C5 VCCA D14 VCCA F10 VCCA F4 VCCA F7 VCCA F8 VCCA F9 VCCA G11 VCCA G6 VCCA H11 VCCA H6 VCCA J11 VCCA J6 VCCA K11 VCCA K6 FG256-Pin FBGA AX125 Function Pin Number |