Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 140 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 140 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 136Page - Microsemi Corporation AX500 Datasheet HTML 137Page - Microsemi Corporation AX500 Datasheet HTML 138Page - Microsemi Corporation AX500 Datasheet HTML 139Page - Microsemi Corporation AX500 Datasheet HTML 140Page - Microsemi Corporation AX500 Datasheet HTML 141Page - Microsemi Corporation AX500 Datasheet HTML 142Page - Microsemi Corporation AX500 Datasheet HTML 143Page - Microsemi Corporation AX500 Datasheet HTML 144Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 262 page
background image
Package Pin Assignments
3- 14
R e v i sio n 1 8
Bank 6
IO91NB6F6
L4
IO91PB6F6
M4
IO92NB6F6
L3
IO92PB6F6
M3
IO94NB6F6
P2
IO94PB6F6
N2
IO97NB6F6
J4
IO97PB6F6
K4
IO98NB6F6
N1
IO98PB6F6
P1
IO100NB6F6
L2
IO100PB6F6
M2
IO102NB6F6
L1
IO102PB6F6
M1
IO103NB6F6
J3
IO103PB6F6
K3
IO104NB6F6
J2
IO104PB6F6
K2
Bank 7
IO107NB7F7
J1
IO107PB7F7
K1
IO108NB7F7
G2
IO108PB7F7
H2
IO111NB7F7
G3
IO111PB7F7
H3
IO112NB7F7
E1
IO112PB7F7
F1
IO113NB7F7
G1
IO114NB7F7
E2
IO114PB7F7
F2
IO115NB7F7
G4
IO115PB7F7
H4
IO116NB7F7
C1
IO116PB7F7
D1
FG256
AX250 Function
Pin
Number
IO117NB7F7
C2
IO117PB7F7
B1
IO118NB7F7
D2
IO118PB7F7
D3
IO119NB7F7
E3
IO119PB7F7
F3
Dedicated I/O
VCCDA
E4
GND
A1
GND
A16
GND
B15
GND
B2
GND
D15
GND
E12
GND
E5
GND
F11
GND
F6
GND
G10
GND
G7
GND
G8
GND
G9
GND
H10
GND
H7
GND
H8
GND
H9
GND
J10
GND
J7
GND
J8
GND
J9
GND
K10
GND
K7
GND
K8
GND
K9
GND
L11
GND
L6
FG256
AX250 Function
Pin
Number
GND
M12
GND
M5
GND
P13
GND
P3
GND
R15
GND
R2
GND
T1
GND
T16
GND/LP
D4
PRA
D8
PRB
C8
PRC
N9
PRD
P9
TCK
D5
TDI
C6
TDO
C4
TMS
C3
TRST
C5
VCCA
D14
VCCA
F10
VCCA
F4
VCCA
F7
VCCA
F8
VCCA
F9
VCCA
G11
VCCA
G6
VCCA
H11
VCCA
H6
VCCA
J11
VCCA
J6
VCCA
K11
VCCA
K6
VCCA
L10
VCCA
L7
VCCA
L8
FG256
AX250 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More