| Moteur de recherche de fiches techniques de composants électroniques |
|
AX500 Fiches technique(PDF) 133 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX500 Fiches technique(HTML) 133 Page - Microsemi Corporation |
|
133 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3-7 GND B27 GND B3 GND C1 GND C2 GND C25 GND C26 GND C27 GND C3 GND E27 GND L11 GND L12 GND L13 GND L14 GND L15 GND L16 GND L17 GND M11 GND M12 GND M13 GND M14 GND M15 GND M16 GND M17 GND N11 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND P11 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 BG729 AX1000 Function Pin Number GND R11 GND R12 GND R13 GND R14 GND R15 GND R16 GND R17 GND T11 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND U11 GND U12 GND U13 GND U14 GND U15 GND U16 GND U17 GND/LP J8 NC U3 PRA J14 PRB D14 PRC V14 PRD AB14 TCK E4 TDI D4 TDO J9 TMS H8 TRST E3 VCCA AA21 VCCA AD5 VCCA E1 VCCA G22 VCCA K10 BG729 AX1000 Function Pin Number VCCA K11 VCCA K17 VCCA K18 VCCA L10 VCCA L18 VCCA U10 VCCA U18 VCCA V10 VCCA V11 VCCA V17 VCCA V18 VCCPLA A13 VCCPLB J13 VCCPLC B15 VCCPLD C15 VCCPLE AG14 VCCPLF AF14 VCCPLG AB13 VCCPLH AG13 VCCDA A11 VCCDA AB12 VCCDA AC12 VCCDA AC25 VCCDA AD16 VCCDA AD17 VCCDA E16 VCCDA E2 VCCDA E24 VCCDA F12 VCCDA F16 VCCDA F7 VCCDA K14 VCCDA P10 VCCDA P18 VCCDA W14 VCCDA W9 VCCIB0 A4 BG729 AX1000 Function Pin Number |