Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 186 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 186 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 182Page - Microsemi Corporation AX250 Datasheet HTML 183Page - Microsemi Corporation AX250 Datasheet HTML 184Page - Microsemi Corporation AX250 Datasheet HTML 185Page - Microsemi Corporation AX250 Datasheet HTML 186Page - Microsemi Corporation AX250 Datasheet HTML 187Page - Microsemi Corporation AX250 Datasheet HTML 188Page - Microsemi Corporation AX250 Datasheet HTML 189Page - Microsemi Corporation AX250 Datasheet HTML 190Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 262 page
background image
Package Pin Assignments
3- 60
R e v i sio n 1 8
NC
K1
NC
K2
NC
L30
NC
M30
NC
N29
NC
T1
NC
U1
NC
W30
NC
Y1
NC
Y2
NC
Y30
PRA
G15
PRB
D16
PRC
AB16
PRD
AF16
TCK
G7
TDI
D5
TDO
J8
TMS
F6
TRST
C4
VCCA
AD6
VCCA
AH26
VCCA
E28
VCCA
E3
VCCA
L12
VCCA
L13
VCCA
L14
VCCA
L15
VCCA
L16
VCCA
L17
VCCA
L18
VCCA
L19
VCCA
M11
VCCA
M20
VCCA
N11
FG896
AX1000 Function
Pin
Number
VCCA
N20
VCCA
P11
VCCA
P20
VCCA
R11
VCCA
R20
VCCA
T11
VCCA
T20
VCCA
U11
VCCA
U20
VCCA
V11
VCCA
V20
VCCA
W11
VCCA
W20
VCCA
Y12
VCCA
Y13
VCCA
Y14
VCCA
Y15
VCCA
Y16
VCCA
Y17
VCCA
Y18
VCCA
Y19
VCCPLA
G14
VCCPLB
H15
VCCPLC
G17
VCCPLD
J16
VCCPLE
AH17
VCCPLF
AC16
VCCPLG
AH14
VCCPLH
AD15
VCCDA
AD24
VCCDA
AD7
VCCDA
AF12
VCCDA
AF13
VCCDA
AF15
VCCDA
AF18
FG896
AX1000 Function
Pin
Number
VCCDA
AF19
VCCDA
C13
VCCDA
C5
VCCDA
D13
VCCDA
D19
VCCDA
D3
VCCDA
E18
VCCDA
F26
VCCDA
G16
VCCDA
T25
VCCDA
T4
VCCIB0
A3
VCCIB0
B3
VCCIB0
J10
VCCIB0
J11
VCCIB0
J12
VCCIB0
K11
VCCIB0
K12
VCCIB0
K13
VCCIB0
K14
VCCIB0
K15
VCCIB1
A28
VCCIB1
B28
VCCIB1
J19
VCCIB1
J20
VCCIB1
J21
VCCIB1
K16
VCCIB1
K17
VCCIB1
K18
VCCIB1
K19
VCCIB1
K20
VCCIB2
C29
VCCIB2
C30
VCCIB2
K22
VCCIB2
L21
FG896
AX1000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More