Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 14 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 14 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 10Page - Microsemi Corporation AX250 Datasheet HTML 11Page - Microsemi Corporation AX250 Datasheet HTML 12Page - Microsemi Corporation AX250 Datasheet HTML 13Page - Microsemi Corporation AX250 Datasheet HTML 14Page - Microsemi Corporation AX250 Datasheet HTML 15Page - Microsemi Corporation AX250 Datasheet HTML 16Page - Microsemi Corporation AX250 Datasheet HTML 17Page - Microsemi Corporation AX250 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 262 page
background image
General Description
1- 8
R ev isio n 1 8
Up to four individual signals can be brought out to dedicated probe pins (PRA/B/C/D) on the device. The
probe circuitry is accessed and controlled via Silicon Explorer II, Microsemi's integrated verification and
logic analysis tool that attaches to the serial port of a PC and communicates with the FPGA via the JTAG
port (See "Silicon Explorer II Probe Interface" on page 2-109).
Summary
Microsemi’s Axcelerator family of FPGAs extends the successful SX-A architecture, adding embedded
RAM/FIFOs, PLLs, and high-speed I/Os. With the support of a suite of robust software tools, design
engineers can incorporate high gate counts and fixed pins into an Axcelerator design yet still achieve
high performance and efficient device utilization.
Related Documents
Application Notes
Simultaneous Switching Noise and Signal Integrity
http://www.microsemi.com/soc/documents/SSN_AN.pdf
Axcelerator Family PLL and Clock Management
http://www.microsemi.com/soc/documents/AX_PLL_AN.pdf
Implementation of Security in Actel Antifuse FPGAs
http://www.microsemi.com/soc/documents/Antifuse_Security_AN.pdf
User’s Guides and Manuals
Antifuse Macro Library Guide
http://www.microsemi.com/soc/documents/libguide_UG.pdf
SmartGen, FlashROM, Analog System Builder, and Flash Memory System Builder
http://www.microsemi.com/soc/documents/genguide_ug.pdf
Silicon Sculptor II User’s Guide
http://www.microsemi.com/soc/documents/silisculptII_sculpt3_ug.pdf
White Paper
Design Security in Nonvolatile Flash and Antifuse FPGAs
http://www.microsemi.com/soc/documents/DesignSecurity_WP.pdf
Understanding Actel Antifuse Device Security
http://www.microsemi.com/soc/documents/DesignSecurity_WP.pdf
Miscellaneous
Libero IDE flow diagram
http://www.microsemi.com/soc/products/tools/libero/flow.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More