Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 183 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 183 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 179Page - Microsemi Corporation AX250 Datasheet HTML 180Page - Microsemi Corporation AX250 Datasheet HTML 181Page - Microsemi Corporation AX250 Datasheet HTML 182Page - Microsemi Corporation AX250 Datasheet HTML 183Page - Microsemi Corporation AX250 Datasheet HTML 184Page - Microsemi Corporation AX250 Datasheet HTML 185Page - Microsemi Corporation AX250 Datasheet HTML 186Page - Microsemi Corporation AX250 Datasheet HTML 187Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 57
IO206PB6F19
AB4
IO207NB6F19
W6
IO207PB6F19
W7
IO208NB6F19
AB3
IO208PB6F19
AC3
IO209NB6F19
V8
IO209PB6F19
V9
IO210NB6F19
AA2
IO210PB6F19
AA1
IO211NB6F19
V5
IO211PB6F19
W5
IO212NB6F19
Y3
IO212PB6F19
Y4
IO213NB6F19
V7
IO213PB6F19
V6
IO214NB6F20
W3
IO214PB6F20
W4
IO215NB6F20
U8
IO215PB6F20
U9
IO216NB6F20
W1
IO216PB6F20
W2
IO217NB6F20
U7
IO217PB6F20
U6
IO218NB6F20
U4
IO218PB6F20
V4
IO219NB6F20
T5
IO219PB6F20
U5
IO220NB6F20
U3
IO220PB6F20
V3
IO221NB6F20
T8
IO221PB6F20
T9
IO222NB6F20
U2
IO222PB6F20
V2
IO223NB6F20
T7
IO223PB6F20
T6
FG896
AX1000 Function
Pin
Number
IO224NB6F20
R2
IO224PB6F20
T2
Bank 7
IO225NB7F21
R7
IO225PB7F21
R6
IO226NB7F21
R4
IO226PB7F21
R5
IO227NB7F21
R8
IO227PB7F21
R9
IO228NB7F21
P1
IO228PB7F21
R1
IO229NB7F21
P9
IO229PB7F21
P8
IO230NB7F21
N2
IO230PB7F21
P2
IO231NB7F21
P7
IO231PB7F21
P6
IO232NB7F21
N3
IO232PB7F21
P3
IO233NB7F21
P4
IO233PB7F21
P5
IO234NB7F21
L1
IO234PB7F21
M1
IO235NB7F21
M4
IO235PB7F21
N4
IO236NB7F22
N7
IO236PB7F22
N6
IO237NB7F22
N8
IO237PB7F22
N9
IO238NB7F22
M5
IO238PB7F22
N5
IO239NB7F22
L2
IO239PB7F22
M2
IO240NB7F22
L3
IO240PB7F22
M3
FG896
AX1000 Function
Pin
Number
IO241NB7F22
M8
IO241PB7F22
M7
IO242NB7F22
K4
IO242PB7F22
L4
IO243NB7F22
L6
IO243PB7F22
M6
IO244NB7F22
K5
IO244PB7F22
L5
IO245NB7F22
J4
IO245PB7F22
J3
IO246NB7F22
G2
IO246PB7F22
H2
IO247NB7F23
L8
IO247PB7F23
L7
IO248NB7F23
G3
IO248PB7F23
H3
IO249NB7F23
G4
IO249PB7F23
H4
IO250NB7F23
J6
IO250PB7F23
K6
IO251NB7F23
H5
IO251PB7F23
J5
IO252NB7F23
F2
IO252PB7F23
F1
IO253NB7F23
K8
IO253PB7F23
K7
IO254NB7F23
F4
IO254PB7F23
F3
IO255NB7F23
G6
IO255PB7F23
H6
IO256NB7F23
F5
IO256PB7F23
G5
IO257NB7F23
H7
IO257PB7F23
J7
Dedicated I/O
FG896
AX1000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More