Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373CC Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32F373CC
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CC Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32F373CC Datasheet HTML 38Page - STMicroelectronics STM32F373CC Datasheet HTML 39Page - STMicroelectronics STM32F373CC Datasheet HTML 40Page - STMicroelectronics STM32F373CC Datasheet HTML 41Page - STMicroelectronics STM32F373CC Datasheet HTML 42Page - STMicroelectronics STM32F373CC Datasheet HTML 43Page - STMicroelectronics STM32F373CC Datasheet HTML 44Page - STMicroelectronics STM32F373CC Datasheet HTML 45Page - STMicroelectronics STM32F373CC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 131 page
background image
PA13
SWDIO
-JTMS
TIM16_
CH1N
TIM5_
CH4
TSC_
G4_IO3
IR-OUT
SPI1_MISO
/I2S1_MCK
USART3_CTS
TIM4_
CH3
EVENT
OUT
PA14
SWCLK
-JTCK
TSC_
G4_IO4
I2C1_
SDA
TIM12
_CH1
EVENT
OUT
PA15 JTDI
TIM2_
CH1_ETR
TSC_
SYNC
I2C1_
SCL
SPI1_NSS/
I2S1_WS
SPI3_NSS/
I2S3_WS
TIM12
_CH2
EVENT
OUT
Table 12. Alternate functions for port PA (continued)
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF14
AF15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More