Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373CC Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F373CC
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CC Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F373CC Datasheet HTML 30Page - STMicroelectronics STM32F373CC Datasheet HTML 31Page - STMicroelectronics STM32F373CC Datasheet HTML 32Page - STMicroelectronics STM32F373CC Datasheet HTML 33Page - STMicroelectronics STM32F373CC Datasheet HTML 34Page - STMicroelectronics STM32F373CC Datasheet HTML 35Page - STMicroelectronics STM32F373CC Datasheet HTML 36Page - STMicroelectronics STM32F373CC Datasheet HTML 37Page - STMicroelectronics STM32F373CC Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 131 page
background image
Pinouts and pin description
STM32F37xxx
34/131
DocID022691 Rev 4
8D1
3
3
PC14 -
OSC32_IN
I/O
TC
OSC32_IN
9E1
4
4
PC15 -
OSC32_OUT
I/O
TC
OSC32_OUT
10
F2
PF9
I/O
FT
(1) TIM14_CH1
11
G2
PF10
I/O
FT
(1)
12
F1
5
5
PF0 -
OSC_IN
I/O
FTf
I2C2_SDA
OSC_IN
13
G1
6
6
PF1 -
OSC_OUT
I/O
FTf
I2C2_SCL
OSC_OUT
14
H2
7
7
NRST
I/O RST
Device reset input / internal reset output (active low)
15
H1
8
PC0
I/O
TTa (1) TIM5_CH1_ETR
ADC_IN10
16
J2
9
PC1
I/O
TTa (1) TIM5_CH2
ADCIN11
17
J3
10
PC2
I/O
TTa (1)
SPI2_MISO/I2S2_MCK,
TIM5_CH3
ADC_IN12
18
K2
11
PC3
I/O
TTa (1)
SPI2_MOSI/I2S2_SD,
TIM5_CH4
ADC_IN13
19
J1
PF2
I/O
FT
(1) I2C2_SMBA
20
K1
12
8
VSSA/VREF-
S
Analog ground
9
VDDA/VREF
+
S
(1)
Analog power supply / Reference voltage for ADC, COMP,
DAC
21
M1 13
VDDA
S
(1)
Analog power supply
22
L1
17
VREF+
S
(1)
Reference voltage for ADC, COMP, DAC
23
L2
14 10
PA0
I/O
TTa
USART2_CTS,
TIM2_CH1_ETR,
TIM5_CH1_ETR, TIM19_CH1,
TSC_G1_IO1, COMP1_OUT
RTC_ TAMPER2, WKUP1,
ADC_IN0, COMP1_INM
24
M2 15 11
PA1
I/O
TTa
SPI3_SCK/I2S3_CK,
USART2_RTS, TIM2_CH2,
TIM15_CH1N, TIM5_CH2,
TIM19_CH2, TSC_G1_IO2,
RTC_REFIN
ADC_IN1, COMP1_INP
Table 11. STM32F37x pin definitions (continued)
Pin numbers
Pin name
(function
after reset)
Pin
type
Pin functions
Alternate function
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More