Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373RB Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32F373RB
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373RB Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32F373RB Datasheet HTML 44Page - STMicroelectronics STM32F373RB Datasheet HTML 45Page - STMicroelectronics STM32F373RB Datasheet HTML 46Page - STMicroelectronics STM32F373RB Datasheet HTML 47Page - STMicroelectronics STM32F373RB Datasheet HTML 48Page - STMicroelectronics STM32F373RB Datasheet HTML 49Page - STMicroelectronics STM32F373RB Datasheet HTML 50Page - STMicroelectronics STM32F373RB Datasheet HTML 51Page - STMicroelectronics STM32F373RB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
Memory mapping
STM32F37xxx
48/131
DocID022691 Rev 4
5
Memory mapping
Figure 6. STM32F373x memory map
0xFFFF FFFF
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0
1
2
3
4
5
6
7
Cortex-M4
internal
peripherals
Peripherals
SRAM
CODE
Option bytes
System memory
Flash memory
Flash, system memory
or SRAM, depending
on BOOT configuration
AHB2
AHB1
APB2
APB1
0x4800 17FF
0x4800 0000
0x4002 43FF
0x4002 0000
0x4001 6C00
0x4001 0000
0x4000 A000
0x4000 0000
0x1FFF FFFF
0x1FFF F800
0x1FFF D800
0x0804 0000
0x0800 0000
0x0004 0000
0x0000 0000
Reserved
MSv32159V1
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More