| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F373RB Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373RB Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 131 page ![]() DocID022691 Rev 4 39/131 STM32F37xxx Pinouts and pin description 47 77 A9 50 38 PA15 I/O FTf SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, I2C1_SCL, TIM2_CH1_ETR, TIM12_CH2, TSC_SYNC, JTDI 78 B11 51 PC10 I/O FT (1) SPI3_SCK/I2S3_CK, USART3_TX, TIM19_CH1 79 C10 52 PC11 I/O FT (1) SPI3_MISO/I2S3_MCK, USART3_RX, TIM19_CH2 80 B10 53 PC12 I/O FT (1) SPI3_MOSI/I2S3_SD, USART3_CK, TIM19_CH3 81 C9 PD0 I/O FT (1) CAN_RX, TIM19_CH4 82 B9 PD1 I/O FT (1) CAN_TX, TIM19_ETR 83 C8 54 PD2 I/O FT (1) TIM3_ETR 84 B8 PD3 I/O FT (1) SPI2_MISO/I2S2_MCK, USART2_CTS 85 B7 PD4 I/O FT (1) SPI2_MOSI/I2S2_SD, USART2_RTS 86 A6 PD5 I/O FT (1) USART2_TX 87 B6 PD6 I/O FT (1) SPI2_NSS/I2S2_WS, USART2_RX 88 A5 PD7 I/O FT (1) SPI2_SCK/I2S2_CK, USART2_CK 89 A8 55 39 PB3 I/O FT SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, USART2_TX, TIM2_CH2, TIM3_ETR, TIM4_ETR, TIM13_CH1, TSC_G5_IO1, JTDO-TRACESWO 90 A7 56 40 PB4 I/O FT SPI1_MISO/I2S1_MCK, SPI3_MISO/I2S3_MCK, USART2_RX, TIM16_CH1, TIM3_CH1, TIM17_BKIN, TIM15_CH1N, TSC_G5_IO2, NJTRST Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |