| Moteur de recherche de fiches techniques de composants électroniques |
|
MP2932 Fiches technique(PDF) 22 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2932 Fiches technique(HTML) 22 Page - Monolithic Power Systems |
|
22 / 23 page ![]() MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE MP2932 Rev.1.02 www.MonolithicPower.com 22 4/30/2012 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2012 MPS. All Rights Reserved. Table 3—VR11 ID 8-BIT continued ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 VOLTAGE 0 1 1 0 0 1 1 0 0.97500 0 1 1 0 0 1 1 1 0.96875 0 1 1 0 1 0 0 0 0.96250 0 1 1 0 1 0 0 1 0.95625 0 1 1 0 1 0 1 0 0.95000 0 1 1 0 1 0 1 1 0.94375 0 1 1 0 1 1 0 0 0.93750 0 1 1 0 1 1 0 1 0.93125 0 1 1 0 1 1 1 0 0.92500 0 1 1 0 1 1 1 1 0.91875 0 1 1 1 0 0 0 0 0.91250 0 1 1 1 0 0 0 1 0.90625 0 1 1 1 0 0 1 0 0.90000 0 1 1 1 0 0 1 1 0.89375 0 1 1 1 0 1 0 0 0.88750 0 1 1 1 0 1 0 1 0.88125 0 1 1 1 0 1 1 0 0.87500 0 1 1 1 0 1 1 1 0.86875 0 1 1 1 1 0 0 0 0.86250 0 1 1 1 1 0 0 1 0.85625 0 1 1 1 1 0 1 0 0.85000 0 1 1 1 1 0 1 1 0.84375 0 1 1 1 1 1 0 0 0.83750 0 1 1 1 1 1 0 1 0.83125 0 1 1 1 1 1 1 0 0.82500 0 1 1 1 1 1 1 1 0.81875 1 0 0 0 0 0 0 0 0.81250 1 0 0 0 0 0 0 1 0.80625 1 0 0 0 0 0 1 0 0.80000 1 0 0 0 0 0 1 1 0.79375 1 0 0 0 0 1 0 0 0.78750 1 0 0 0 0 1 0 1 0.78125 1 0 0 0 0 1 1 0 0.77500 1 0 0 0 0 1 1 1 0.76875 1 0 0 0 1 0 0 0 0.76250 1 0 0 0 1 0 0 1 0.75625 1 0 0 0 1 0 1 0 0.75000 1 0 0 0 1 0 1 1 0.74375 1 0 0 0 1 1 0 0 0.73750 1 0 0 0 1 1 0 1 0.73125 Table 3—VR11 ID 8-BIT continued ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 VOLTAGE 1 0 0 0 1 1 1 0 0.72500 1 0 0 0 1 1 1 1 0.71875 1 0 0 1 0 0 0 0 0.71250 1 0 0 1 0 0 0 1 0.70625 1 0 0 1 0 0 1 0 0.70000 1 0 0 1 0 0 1 1 0.69375 1 0 0 1 0 1 0 0 0.68750 1 0 0 1 0 1 0 1 0.68125 1 0 0 1 0 1 1 0 0.67500 1 0 0 1 0 1 1 1 0.66875 1 0 0 1 1 0 0 0 0.66250 1 0 0 1 1 0 0 1 0.65625 1 0 0 1 1 0 1 0 0.65000 1 0 0 1 1 0 1 1 0.64375 1 0 0 1 1 1 0 0 0.63750 1 0 0 1 1 1 0 1 0.63125 1 0 0 1 1 1 1 0 0.62500 1 0 0 1 1 1 1 1 0.61875 1 0 1 0 0 0 0 0 0.61250 1 0 1 0 0 0 0 1 0.60625 1 0 1 0 0 0 1 0 0.60000 1 0 1 0 0 0 1 1 0.59375 1 0 1 0 0 1 0 0 0.58750 1 0 1 0 0 1 0 1 0.58125 1 0 1 0 0 1 1 0 0.57500 1 0 1 0 0 1 1 1 0.56875 1 0 1 0 1 0 0 0 0.56250 1 0 1 0 1 0 0 1 0.55625 1 0 1 0 1 0 1 0 0.55000 1 0 1 0 1 0 1 1 0.54375 1 0 1 0 1 1 0 0 0.53750 1 0 1 0 1 1 0 1 0.53125 1 0 1 0 1 1 1 0 0.52500 1 0 1 0 1 1 1 1 0.51875 1 0 1 1 0 0 0 0 0.51250 1 0 1 1 0 0 0 1 0.50625 1 0 1 1 0 0 1 0 0.50000 1 1 1 1 1 1 1 0 OFF 1 1 1 1 1 1 1 1 OFF |