| Moteur de recherche de fiches techniques de composants électroniques |
|
MP2932 Fiches technique(PDF) 21 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2932 Fiches technique(HTML) 21 Page - Monolithic Power Systems |
|
21 / 23 page ![]() MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE MP2932 Rev.1.02 www.MonolithicPower.com 21 4/30/2012 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2012 MPS. All Rights Reserved. Table 3—VR11 ID 8-BIT continued ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 VOLTAGE 0 0 0 1 0 1 1 1 1.46875 0 0 0 1 1 0 0 0 1.46250 0 0 0 1 1 0 0 1 1.45625 0 0 0 1 1 0 1 0 1.45000 0 0 0 1 1 0 1 1 1.44375 0 0 0 1 1 1 0 0 1.43750 0 0 0 1 1 1 0 1 1.43125 0 0 0 1 1 1 1 0 1.42500 0 0 0 1 1 1 1 1 1.41875 0 0 1 0 0 0 0 0 1.41250 0 0 1 0 0 0 0 1 1.40625 0 0 1 0 0 0 1 0 1.40000 0 0 1 0 0 0 1 1 1.39375 0 0 1 0 0 1 0 0 1.38750 0 0 1 0 0 1 0 1 1.38125 0 0 1 0 0 1 1 0 1.37500 0 0 1 0 0 1 1 1 1.36875 0 0 1 0 1 0 0 0 1.36250 0 0 1 0 1 0 0 1 1.35625 0 0 1 0 1 0 1 0 1.35000 0 0 1 0 1 0 1 1 1.34375 0 0 1 0 1 1 0 0 1.33750 0 0 1 0 1 1 0 1 1.33125 0 0 1 0 1 1 1 0 1.32500 0 0 1 0 1 1 1 1 1.31875 0 0 1 1 0 0 0 0 1.31250 0 0 1 1 0 0 0 1 1.30625 0 0 1 1 0 0 1 0 1.30000 0 0 1 1 0 0 1 1 1.29375 0 0 1 1 0 1 0 0 1.28750 0 0 1 1 0 1 0 1 1.28125 0 0 1 1 0 1 1 0 1.27500 0 0 1 1 0 1 1 1 1.26875 0 0 1 1 1 0 0 0 1.26250 0 0 1 1 1 0 0 1 1.25625 0 0 1 1 1 0 1 0 1.25000 0 0 1 1 1 0 1 1 1.24375 0 0 1 1 1 1 0 0 1.23750 0 0 1 1 1 1 0 1 1.23125 0 0 1 1 1 1 1 0 1.22500 Table 3—VR11 ID 8-BIT continued ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 VOLTAGE 0 0 1 1 1 1 1 1 1.21875 0 1 0 0 0 0 0 0 1.21250 0 1 0 0 0 0 0 1 1.20625 0 1 0 0 0 0 1 0 1.20000 0 1 0 0 0 0 1 1 1.19375 0 1 0 0 0 1 0 0 1.18750 0 1 0 0 0 1 0 1 1.18125 0 1 0 0 0 1 1 0 1.17500 0 1 0 0 0 1 1 1 1.16875 0 1 0 0 1 0 0 0 1.16250 0 1 0 0 1 0 0 1 1.15625 0 1 0 0 1 0 1 0 1.15000 0 1 0 0 1 0 1 1 1.14375 0 1 0 0 1 1 0 0 1.13750 0 1 0 0 1 1 0 1 1.13125 0 1 0 0 1 1 1 0 1.12500 0 1 0 0 1 1 1 1 1.11875 0 1 0 1 0 0 0 0 1.11250 0 1 0 1 0 0 0 1 1.10625 0 1 0 1 0 0 1 0 1.10000 0 1 0 1 0 0 1 1 1.09375 0 1 0 1 0 1 0 0 1.08750 0 1 0 1 0 1 0 1 1.08125 0 1 0 1 0 1 1 0 1.07500 0 1 0 1 0 1 1 1 1.06875 0 1 0 1 1 0 0 0 1.06250 0 1 0 1 1 0 0 1 1.05625 0 1 0 1 1 0 1 0 1.05000 0 1 0 1 1 0 1 1 1.04375 0 1 0 1 1 1 0 0 1.03750 0 1 0 1 1 1 0 1 1.03125 0 1 0 1 1 1 1 0 1.02500 0 1 0 1 1 1 1 1 1.01875 0 1 1 0 0 0 0 0 1.01250 0 1 1 0 0 0 0 1 1.00625 0 1 1 0 0 0 1 0 1.00000 0 1 1 0 0 0 1 1 0.99375 0 1 1 0 0 1 0 0 0.98750 0 1 1 0 0 1 0 1 0.98125 |