| Moteur de recherche de fiches techniques de composants électroniques |
|
L7824AB Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7824AB Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 57 page ![]() Electrical characteristics L78xx, L78xxC, L78xxAB, L78xxAC 24/57 DocID2143 Rev 31 Refer to the test circuits, TJ = 0 to 125 °C, VI = 23 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 19. Electrical characteristics of L7815C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 14.4 15 15.6 V VO Output voltage IO = 5 mA to 1 A, VI = 17.5 to 28 V 14.25 15 15.75 V VO Output voltage IO = 1 A, VI = 28 to 30 V, TJ = 25°C 14.25 15 15.75 V V O (1) Line regulation VI = 17.5 to 30 V, TJ = 25°C 300 mV VI = 20 to 26 V, TJ = 25°C 150 V O (1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 300 mV IO = 250 to 750 mA, TJ = 25°C 150 Id Quiescent current TJ = 25°C 8 mA I d Quiescent current change IO = 5 mA to 1A 0.5 mA VI = 17.5 to 30 V 1 V O/T Output voltage drift IO = 5 mA -1 mV/°C eN Output noise voltage B = 10 Hz to 100kHz, TJ = 25°C 90 µV/VO SVR Supply voltage rejection VI = 18.5 to 28.5 V, f = 120 Hz 54 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 V RO Output resistance f = 1 kHz 19 m Isc Short circuit current VI = 35 V, TJ = 25°C 0.23 A Iscp Short circuit peak current TJ = 25°C 2.2 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |