| Moteur de recherche de fiches techniques de composants électroniques |
|
L7824AB Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7824AB Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 57 page ![]() Electrical characteristics L78xx, L78xxC, L78xxAB, L78xxAC 16/57 DocID2143 Rev 31 VI = 33 V, IO = 1 A, TJ = 0 to 125 °C (L7824AC), TJ = -40 to 125 °C (L7824AB), unless otherwise specified. Table 11. Electrical characteristics of L7824A Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 23.5 24 24.5 V VO Output voltage IO = 5 mA to 1 A, VI = 27.3 to 37 V 23 24 25 V VO Output voltage IO = 1 A, VI = 37 to 38 V, TJ = 25°C 23 24 25 V V O (1) Line regulation VI = 27 to 38 V, IO = 500 mA, TJ = 25°C 31 240 mV VI = 30 to 36 V 35 200 mV VI = 30 to 36 V, TJ = 25°C 14 120 mV VI = 26.7 to 38 V, TJ = 25°C 31 240 mV V O (1) Load regulation IO = 5 mA to 1 A 25 100 mV IO = 5 mA to 1.5 A, TJ = 25°C 30 100 IO = 250 to 750 mA 10 50 Iq Quiescent current TJ = 25°C 4.6 6 mA 6mA I q Quiescent current change VI = 27.3 to 38 V, IO = 500 mA 0.8 mA VI = 27.3 to 38 V, TJ = 25°C 0.8 mA IO = 5 mA to 1 A 0.5 mA SVR Supply voltage rejection VI = 28 to 38 V, f = 120 Hz, IO = 500 mA 54 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 V eN Output noise voltage TA = 25°C, B = 10 Hz to 100 kHz 10 µV/VO RO Output resistance f = 1 kHz 20 m Isc Short circuit current VI = 35 V, TA = 25°C 0.2 A Iscp Short circuit peak current TJ = 25°C 2.2 A V O/T Output voltage drift -1.5 mV/°C 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |