Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M09C Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce L78M09C
Description  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09C Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button L78M09C Datasheet HTML 14Page - STMicroelectronics L78M09C Datasheet HTML 15Page - STMicroelectronics L78M09C Datasheet HTML 16Page - STMicroelectronics L78M09C Datasheet HTML 17Page - STMicroelectronics L78M09C Datasheet HTML 18Page - STMicroelectronics L78M09C Datasheet HTML 19Page - STMicroelectronics L78M09C Datasheet HTML 20Page - STMicroelectronics L78M09C Datasheet HTML 21Page - STMicroelectronics L78M09C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Package mechanical data
L78MxxC
18/30
DocID2146 Rev 19
Note:
1
Maximum resin gate protrusion: 0.5 mm.
2
Resin gate position is accepted in each of the two positions shown on the drawing, or their
symmetrical.
Figure 29. Drawing dimension TO-220 (type STD-ST Dual Gauge)
0015988_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30