| Moteur de recherche de fiches techniques de composants électroniques |
|
L78M09C Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78M09C Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 30 page ![]() Typical performance L78MxxC 16/30 DocID2146 Rev 19 Note: The circuit performs well up to 100 kHz. Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. Figure 27. Power AM modulator (unity voltage gain, IO 0.5) Figure 28. Adjustable output voltage with temperature compensation VO = VXX (1+R2/R1) + VBE |