Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3410XMFE Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce LM3410XMFE
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMFE Fiches technique(HTML) 36 Page - Texas Instruments

Back Button LM3410XMFE Datasheet HTML 32Page - Texas Instruments LM3410XMFE Datasheet HTML 33Page - Texas Instruments LM3410XMFE Datasheet HTML 34Page - Texas Instruments LM3410XMFE Datasheet HTML 35Page - Texas Instruments LM3410XMFE Datasheet HTML 36Page - Texas Instruments LM3410XMFE Datasheet HTML 37Page - Texas Instruments LM3410XMFE Datasheet HTML 38Page - Texas Instruments LM3410XMFE Datasheet HTML 39Page - Texas Instruments LM3410XMFE Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
DIMM
LM3410
VPWR
5
4
1
3
2
VIN
L1
D1
C2
C1
R2
R1
C3
LEDs
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
LM3410X SOT-23 Design Example 10: 5 x 1206 Series LED String Application with VIN and VPWR
Rail > 5.5V
Figure 38. LM3410X (1.6MHz): VPWR = 9V to 14V, VIN = 2.7V to 5.5V, (VOUT ≊
≊ 16.5V) ILED ≊
≊ 50mA
Part ID
Part Value
Mfg
Part Number
U1
2.8A ISW LED Driver
TI
LM3410XMF
C1 Input VPWR Cap
10µF, 6.3V, X5R
TDK
C2012X5R0J106M
C2 VOUT Cap
2.2µF, 25V, X5R
TDK
C2012X5R1E225M
C3 Input VIN Cap
0.1µF, 6.3V, X5R
TDK
C1005X5R1C104K
D1, Catch Diode
0.43Vf, Schotky, 0.5A, 30VR
Diodes Inc
MBR0530
L1
10µH 1.5A
Coilcraft
DO1608C-103
R1
4.02
Ω, 1%
Vishay
CRCW08054R02F
R2
100k
Ω, 1%
Vishay
CRCW08051003F
LED’s
SMD-1206, 50mA, Vf ≊ 3 .6V
Lite-On
LTW-150k
36
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49