Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F636EST Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce PIC16F636EST
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636EST Fiches technique(HTML) 17 Page - Microchip Technology

Back Button PIC16F636EST Datasheet HTML 13Page - Microchip Technology PIC16F636EST Datasheet HTML 14Page - Microchip Technology PIC16F636EST Datasheet HTML 15Page - Microchip Technology PIC16F636EST Datasheet HTML 16Page - Microchip Technology PIC16F636EST Datasheet HTML 17Page - Microchip Technology PIC16F636EST Datasheet HTML 18Page - Microchip Technology PIC16F636EST Datasheet HTML 19Page - Microchip Technology PIC16F636EST Datasheet HTML 20Page - Microchip Technology PIC16F636EST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 15
PIC12F635/PIC16F636/639
RC3/LFDATA/RSSI/CCLK/SDO
RC3
TTL
CMOS
General purpose I/O.
LFDATA
—
CMOS
Digital output representation of analog input signal to LC pins.
RSSI
—
Current
Received signal strength indicator. Analog current that is
proportional to input amplitude.
CCLK
—
—
Carrier clock output.
SDIO
TTL
CMOS
Input/Output for SPI communication.
RC4/C2OUT
RC4
TTL
CMOS
General purpose I/O.
C2OUT
—
CMOS
Comparator2 output.
RC5
RC5
TTL
CMOS
General purpose I/O.
VDDT
VDDT
D
—
Power supply for Analog Front-End. In this document, VDDT is
treated the same as VDD, unless otherwise stated.
VSST
VSST
D
—
Ground reference for Analog Front-End. In this document, VSST is
treated the same as VSS, unless otherwise stated.
VDD
VDD
D
—
Power supply for microcontroller.
VSS
VSS
D
—
Ground reference for microcontroller.
TABLE 1-3:
PIC16F639 PINOUT DESCRIPTIONS (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
D
= Direct
HV
= High Voltage
ST
= Schmitt Trigger input with CMOS levels
OD = Open Drain
TTL = TTL compatible input
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More