Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F636EST Fiches technique(PDF) 74 Page - Microchip Technology

No de pièce PIC16F636EST
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636EST Fiches technique(HTML) 74 Page - Microchip Technology

Back Button PIC16F636EST Datasheet HTML 70Page - Microchip Technology PIC16F636EST Datasheet HTML 71Page - Microchip Technology PIC16F636EST Datasheet HTML 72Page - Microchip Technology PIC16F636EST Datasheet HTML 73Page - Microchip Technology PIC16F636EST Datasheet HTML 74Page - Microchip Technology PIC16F636EST Datasheet HTML 75Page - Microchip Technology PIC16F636EST Datasheet HTML 76Page - Microchip Technology PIC16F636EST Datasheet HTML 77Page - Microchip Technology PIC16F636EST Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 72
© 2007 Microchip Technology Inc.
FIGURE 7-3:
COMPARATOR C1 OUTPUT BLOCK DIAGRAM (PIC16F636/639)
FIGURE 7-4:
COMPARATOR C2 OUTPUT BLOCK DIAGRAM (PIC16F636/639)
DQ
EN
To C1OUT pin
RD CMCON0
Set C1IF bit
Q3*RD CMCON0
Reset
To Data Bus
C1INV
DQ
EN
CL
Q1
Note 1:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
2:
Q1 is held high during Sleep mode.
C1
C2SYNC
DQ
EN
To C2OUT pin
RD CMCON0
Set C2IF bit
Q3*RD CMCON0
Reset
To Data Bus
C2INV
Timer1
clock source(1)
0
1
To Timer1 Gate
DQ
DQ
EN
CL
Q1
Note 1:
Comparator output is latched on falling edge of Timer1 clock source.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More