| Moteur de recherche de fiches techniques de composants électroniques |
|
THS4082CDR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4082CDR Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 32 page ![]() THS4081, THS4082 175MHz LOW POWER HIGHSPEED AMPLIFIERS SLOS274D − DECEMBER 1999 − REVISED JUNE 2001 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued) power supply PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VCC Supply voltage operating range Dual supply ±4.5 ±16.5 V VCC Supply voltage operating range Single supply 9 33 V VCC = ± 15 V TA = 25°C 3.4 4.2 ICC Supply current (per amplifier) VCC = ± 15 V TA = full range† 5 mA ICC Supply current (per amplifier) VCC = ± 5 V TA = 25°C 2.9 3.7 mA VCC = ± 5 V TA = full range† 4.5 PSRR Power supply rejection ratio VCC = ± 5 V or ± 15 V TA = full range† 79 90 dB † Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix |