Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS4082CDR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS4082CDR
Description  175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

THS4082CDR Fiches technique(HTML) 4 Page - Texas Instruments

  THS4082CDR Datasheet HTML 1Page - Texas Instruments THS4082CDR Datasheet HTML 2Page - Texas Instruments THS4082CDR Datasheet HTML 3Page - Texas Instruments THS4082CDR Datasheet HTML 4Page - Texas Instruments THS4082CDR Datasheet HTML 5Page - Texas Instruments THS4082CDR Datasheet HTML 6Page - Texas Instruments THS4082CDR Datasheet HTML 7Page - Texas Instruments THS4082CDR Datasheet HTML 8Page - Texas Instruments THS4082CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
Gain = 1
175
MHz
Small-signal bandwidth (−3 dB)
VCC = ± 5 V
Gain = 1
160
MHz
Small-signal bandwidth (−3 dB)
VCC = ± 15 V
Gain = −1
70
MHz
BW
VCC = ± 5 V
Gain = −1
65
MHz
BW
Bandwidth for 0.1 dB flatness
VCC = ± 15 V
Gain = 1
35
MHz
Bandwidth for 0.1 dB flatness
VCC = ± 5 V
Gain = 1
35
MHz
Full power bandwidth†
VO(pp) = 20 V,
VCC = ± 15 V
2.7
MHz
Full power bandwidth†
VO(pp) = 5 V,
VCC = ± 5 V
7.1
MHz
SR
Slew rate‡
VCC = ± 15 V,
20-V step,
Gain = 5
230
V/ s
SR
Slew rate‡
VCC = ± 5 V,
5-V step
Gain = 1
170
V/
µs
Settling time to 0.1%
VCC = ± 15 V,
5-V step
Gain = −1
43
ns
ts
Settling time to 0.1%
VCC = ± 5 V,
2-V step
Gain = −1
30
ns
ts
Settling time to 0.01%
VCC = ± 15 V,
5-V step
Gain = −1
233
ns
Settling time to 0.01%
VCC = ± 5 V,
2-V step
Gain = −1
280
ns
† Slew rate is measured from an output level range of 25% to 75%.
‡ Full power bandwidth = slew rate/2π VO(Peak).
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
RL = 150 Ω
−64
THD
Total harmonic distortion
VO(pp) = 2 V,
VCC = ± 15 V
RL = 1 kΩ
−79
dBc
THD
Total harmonic distortion
VO(pp) = 2 V,
f = 1 MHz,
Gain = 2
VCC = ± 5 V
RL = 150 Ω
−64
dBc
f = 1 MHz,
Gain = 2
VCC = ± 5 V
RL = 1 kΩ
−77
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V, f = 10 kHz
10
nV/
√Hz
In
Input current noise
VCC = ± 5 V or ± 15 V, f = 10 kHz
0.7
pA/
√Hz
Differential gain error
Gain = 2,
NTSC,
VCC = ± 15 V
0.01%
Differential gain error
Gain = 2,
40 IRE modulation,
NTSC,
±100 IRE ramp V
CC = ± 5 V
0.01%
Differential phase error
Gain = 2,
NTSC,
VCC = ± 15 V
0.05
°
Differential phase error
Gain = 2,
40 IRE modulation,
NTSC,
±100 IRE ramp V
CC = ± 5 V
0.05
°
XT
Channel-to-channel crosstalk
(THS4082 only)
VCC = ± 5 V or ± 15 V, f = 1 MHz
−75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32