Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN06 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce VN06
Description  ISO high side smart power solid state relay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button VN06 Datasheet HTML 9Page - STMicroelectronics VN06 Datasheet HTML 10Page - STMicroelectronics VN06 Datasheet HTML 11Page - STMicroelectronics VN06 Datasheet HTML 12Page - STMicroelectronics VN06 Datasheet HTML 13Page - STMicroelectronics VN06 Datasheet HTML 14Page - STMicroelectronics VN06 Datasheet HTML 15Page - STMicroelectronics VN06 Datasheet HTML 16Page - STMicroelectronics VN06 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
VN06
Package and packing information
15/17
Table 9.
PENTAWATT mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.8
C
1.37
D2.4
2.8
D1
1.2
1.35
E
0.35
0.55
F
0.8
1.05
F1
1
1.4
G3.2
3.4
3.6
G1
6.6
6.8
7
H2
10.4
H3
10.05
10.4
L17.85
L1
15.75
L2
21.4
L3
22.5
L5
2.6
3
L6
15.1
15.8
L7
6
6.6
M4.5
M1
4
Diam.
3.65
3.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17