Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN06 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce VN06
Description  ISO high side smart power solid state relay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button VN06 Datasheet HTML 9Page - STMicroelectronics VN06 Datasheet HTML 10Page - STMicroelectronics VN06 Datasheet HTML 11Page - STMicroelectronics VN06 Datasheet HTML 12Page - STMicroelectronics VN06 Datasheet HTML 13Page - STMicroelectronics VN06 Datasheet HTML 14Page - STMicroelectronics VN06 Datasheet HTML 15Page - STMicroelectronics VN06 Datasheet HTML 16Page - STMicroelectronics VN06 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package and packing information
VN06
14/17
4
Package and packing information
4.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of Second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com.
4.2
PENTAWATT mechanical data
Figure 11.
PENTAWATT package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17