| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7679 Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7679 Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 28 page ![]() AD7652 Table 4. Serial Clock Timings in Master Read after Convert DIVSCLK[1] 0 0 1 1 DIVSCLK[0] Symbol 0 1 0 1 Unit SYNC to SCLK First Edge Delay Minimum t18 3 17 17 17 ns Internal SCLK Period Minimum t19 25 50 100 200 ns Internal SCLK Period Maximum t19 40 70 140 280 ns Internal SCLK HIGH Minimum t20 12 22 50 100 ns Internal SCLK LOW Minimum t21 7 21 49 99 ns SDOUT Valid Setup Time Minimum t22 4 18 18 18 ns SDOUT Valid Hold Time Minimum t23 2 4 30 80 ns SCLK Last Edge to SYNC Delay Minimum t24 3 55 130 290 ns BUSY HIGH Width Maximum t24 2 2.5 3.5 5.75 µs Rev. 0 | Page 6 of 28 |