| Moteur de recherche de fiches techniques de composants électroniques |
|
RC2012 Fiches technique(PDF) 2 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
RC2012 Fiches technique(HTML) 2 Page - Samsung semiconductor |
|
2 / 40 page ![]() We, Samsung, declare that our component Chip Resistor is produced in accordance with EU RoHS directive. 1. RoHS Compliance and restriction of Br The following restricted materials are not used in packaging materials as well as products in compliance with the law and restriction. - Cd, Pb, Hg, Cr+6, As, Br and the compounds, PCB, asbestos - Bromic materials : PBBs, PBBOs, PBDO, PBDE, PBB 2. No use of materials breaking Ozone layer The following ODS materials are not used in our fabrication process. - ODS material : Freon, Haron, 1-1-1 TCE, CCl4, HCFC If you want more detailed Information,Please Visit Samsung Electro-mechanics Website [http://www.sem.samsung.com, http://www.semlcr.com] |