| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5037ACPZ-2-R7 Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5037ACPZ-2-R7 Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 28 page ![]() Data Sheet ADP5037 Rev. D | Page 11 of 28 2 4 T 1 CH1 50mV B W M 400ns A CH2 220mA T 28.40% CH2 500mA Ω CH4 2.00V BW ISW VOUT SW Figure 21. Typical Waveforms, VOUT1 = 3.3 V, IOUT1 = 30 mA, PWM Mode 2 4 T 1 CH1 50mV B W M 400ns A CH2 220mA T 28.40% CH2 500mA Ω CH4 2.00V BW ISW VOUT SW Figure 22. Typical Waveforms, VOUT2 = 1.8 V, IOUT2 = 30 mA, PWM Mode CH1 50.0mV B W CH3 1.00V BW CH4 2.00V BW M 1.00ms A CH3 4.80V 1 3 T 30.40% T VOUT VIN SW Figure 23. BUCK1 Response to Line Transient, Input Voltage from 4.5 V to 5.0 V, VOUT1 = 3.3 V, PWM Mode 1 4 T 3 CH1 50.0mV B W CH3 1.00V BW CH4 2.00V BW M 1.00ms A CH3 4.80V T 30.40% VOUT VIN SW Figure 24. BUCK2 Response to Line Transient, VIN2 = 4.5 V to 5.0 V, VOUT2 = 1.8 V, PWM Mode 4 1 T 2 CH1 50.0mV B W CH4 5.00V BW M 20.0µs A CH2 356mA T 60.000µs CH2 50.0mA Ω BW VOUT IOUT SW Figure 25. BUCK1 Response to Load Transient, IOUT1 from 1 mA to 50 mA, VOUT1 = 3.3 V, Auto Mode 4 1 T 2 CH1 50.0mV B W CH4 5.00V BW M 20.0µs A CH2 379mA T 22.20% CH2 50.0mA Ω BW VOUT IOUT SW Figure 26. BUCK2 Response to Load Transient, IOUT2 from 1 mA to 50 mA, VOUT2 = 1.8 V, Auto Mode |