| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5037ACPZ-2-R7 Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5037ACPZ-2-R7 Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 28 page ![]() Data Sheet ADP5037 Rev. D | Page 9 of 28 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 ILOAD (mA) VIN = 3.9V VIN = 4.2V VIN = 5.5V Figure 9. BUCK1 Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 3.3 V, Auto Mode 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 ILOAD (mA) VIN = 2.3V VIN = 3.6V VIN = 4.2V VIN = 5.5V Figure 10. BUCK1 Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 3.3 V, PWM Mode 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 ILOAD (mA) VIN = 2.3V VIN = 3.6V VIN = 4.2V VIN = 5.5V Figure 11. BUCK2 Efficiency vs. Load Current, Across Input Voltage, VOUT2 = 1.8 V, Auto Mode 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 ILOAD (mA) VIN = 2.3V VIN = 3.6V VIN = 4.2V VIN = 5.5V Figure 12. BUCK2 Efficiency vs. Load Current, Across Input Voltage, VOUT2 = 1.8 V, PWM Mode 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 ILOAD (mA) VIN = 2.3V VIN = 3.6V VIN = 4.2V VIN = 5.5V Figure 13. BUCK1 Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 0.8 V, Auto Mode 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 ILOAD (mA) VIN = 2.3V VIN = 3.6V VIN = 4.2V VIN = 5.5V Figure 14. BUCK1 Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 0.8 V, PWM Mode |