| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS221DR Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS221DR Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS221DBRG4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS221N SN74LS221N3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS221NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS221N SN74LS221NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS221 SN74LS221NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS221 SN74LS221NSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS221 SNJ54221J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8771101EA SNJ54221J SNJ54LS221FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 76042012A SNJ54LS 221FK SNJ54LS221J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 7604201EA SNJ54LS221J SNJ54LS221W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 7604201FA SNJ54LS221W (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. |