| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS221DR Fiches technique(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS221DR Fiches technique(HTML) 14 Page - Texas Instruments |
|
14 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8771101EA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8771101EA SNJ54221J 76042012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 76042012A SNJ54LS 221FK 7604201EA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 7604201EA SNJ54LS221J 7604201FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 7604201FA SNJ54LS221W JM38510/31402B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 31402B2A JM38510/31402BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31402BEA JM38510/31402BFA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31402BFA M38510/31402B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 31402B2A M38510/31402BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31402BEA M38510/31402BFA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31402BFA SN54221J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54221J SN54LS221J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS221J SN74221N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74221N SN74221NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74221N SN74LS221D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DBR ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 SN74LS221DBRE4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS221 |