Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB-TO-GPIO Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Fiches technique(HTML) 27 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments USB-TO-GPIO Datasheet HTML 25Page - Texas Instruments USB-TO-GPIO Datasheet HTML 26Page - Texas Instruments USB-TO-GPIO Datasheet HTML 27Page - Texas Instruments USB-TO-GPIO Datasheet HTML 28Page - Texas Instruments USB-TO-GPIO Datasheet HTML 29Page - Texas Instruments USB-TO-GPIO Datasheet HTML 30Page - Texas Instruments USB-TO-GPIO Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
www.ti.com
5.2
Device Transport
Device Transport
In order to enable new applications to be created with minimal effort by users of the adapter, a device
transport library is provided.
This library is a .NET DLL that was generated using Microsoft Developer Studio® 2003 and is basically a
set of .NET managed code. This library requires version 1.1 of the .NET Framework to be present on the
machine that uses it.
This library is included in the sample GUI application that is provided with the adapter and is intended to
be used by other applications, as well as to manage a target through the adapter.
To use this library, simply include it in the project being developed as a dependency.
This library provides the following functionality:
• Primitives that support all I/O types of the adapter
–
I2C
• I2C read (variable length)
• I2C write (variable length)
–
SMBus
• Receive byte
• Read byte
• Read word
• Block read
• Send byte
• Write byte
• Write word
• Block write
• Process call
• Block write block read process call
• PEC enable/disable
–
PMBus
• Group command
• Assert/deassert CONTROL line
• Poll ALERT# signal
–
GPIO (read/write)
• General functionality
–
Reset adapter
–
Get device version
–
Select internal pullup resistors
–
Update/read EEPROM contents
–
Select 100-kHz/400-kHz bus speed
SLLU093 – August 2006
GUI and PC Libraries
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50