Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB-TO-GPIO Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Fiches technique(HTML) 22 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments USB-TO-GPIO Datasheet HTML 20Page - Texas Instruments USB-TO-GPIO Datasheet HTML 21Page - Texas Instruments USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments USB-TO-GPIO Datasheet HTML 25Page - Texas Instruments USB-TO-GPIO Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
www.ti.com
Start
Call Get Version
Comand
Is first byte in response equal
to the required family code?
Is second byte in response
equal to the required Major
version code?
Is third byte greater than or
equal to the required Minor
version code?
Use the version that already on the
board (Bugs have been fixed)
Yes
Yes
Yes
No
No
No
End
Reprogram the USB
Interface Adapter
with required version
Compliant Versioning
GUI applications may use the flow chart in Figure 4-1 to determine whether or not to reprogram the
firmware on the USB interface adapter.
Figure 4-1. Flow Chart for Determining Firmware Programing
22
Firmware Versioning Scheme
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50