Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F6014 Fiches technique(PDF) 82 Page - Microchip Technology

No de pièce DSPIC30F6014
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 Fiches technique(HTML) 82 Page - Microchip Technology

Back Button DSPIC30F6014 Datasheet HTML 78Page - Microchip Technology DSPIC30F6014 Datasheet HTML 79Page - Microchip Technology DSPIC30F6014 Datasheet HTML 80Page - Microchip Technology DSPIC30F6014 Datasheet HTML 81Page - Microchip Technology DSPIC30F6014 Datasheet HTML 82Page - Microchip Technology DSPIC30F6014 Datasheet HTML 83Page - Microchip Technology DSPIC30F6014 Datasheet HTML 84Page - Microchip Technology DSPIC30F6014 Datasheet HTML 85Page - Microchip Technology DSPIC30F6014 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 228 page
background image
dsPIC30F6011/6012/6013/6014
DS70117F-page 80
© 2006 Microchip Technology Inc.
FIGURE 11-2:
16-BIT TIMER4 BLOCK DIAGRAM
FIGURE 11-3:
16-BIT TIMER5 BLOCK DIAGRAM
TON
Sync
PR4
T4IF
Equal
Comparator x 16
TMR4
Reset
Event Flag
TGATE
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
1 x
0 1
0 0
Gate
T4CK
Sync
Q
Q
D
CK
TON
PR5
T5IF
Equal
Comparator x 16
TMR5
Reset
Event Flag
TGATE
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
1 x
0 1
0 0
T5CK
ADC Event Trigger
Sync
Q
QD
CK
Note:
In the dsPIC30F6011 and dsPIC30F6012 devices, there is no T5CK pin. Therefore, in this device the
following modes should not be used for Timer5:
1: TCS = 1 (16-bit counter)
2: TCS = 0, TGATE = 1 (Gated Time Accumulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More